PART |
Description |
Maker |
IRFB7540PBF |
60V Single N-Channel HEXFET Power MOSFET in a Lead Free TO-220AB package
|
International Rectifier
|
AM29F040-120/BUA AM29F040-120/BXA AM29F040-150DEB |
150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3315S with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3315S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR8721PBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ34E with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU120Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR48Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL3803L with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ24NS with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFB4410ZG IRFB4410ZGPBF |
100V Single N-Channel HEXFET Power MOSFET in a Lead Free Halogen Free TO-220AB package
|
International Rectifier
|
IRLML2502GPBF |
20V Single N-Channel Lead Free HEXFET Power MOSFET in a Halogen Free Micro3 package
|
International Rectifier
|
IRLML6401GPBF IRLML6401GTRPBF |
-12V Single P-Channel Lead Free HEXFET Power MOSFET in a Halogen Free Micro3 package
|
International Rectifier
|
IRLML5203GPBF IRLML5203GTRPBF |
-30V Single P-Channel Lead Free HEXFET Power MOSFET in a Halogen Free Micro3 package
|
International Rectifier
|
PT6214E PT6214P |
20V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR3714Z with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to the IRF3710 with lead free packaging.
|
|
AM29F800BT-90WBC AM29F800BT-55WBI AM29F800BB-55WBE |
and flexible way to implement power solutions for the latest high performance CPUs and ASICs.; Same as IR3087 with bag packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3709Z with Lead Free Packaging 40V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7470 with Lead Free Packaging Complete VR11.0 or AMD PVID power solution.; A IR3505M packaged on tape and reel 3000 per reel 8 PWM 400 KHz Sync Contr in a 8-Pin SOIC(NB) package; A IRU3037ACS with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRLZ44NS with Lead Free Packaging The XPHASE Control IC combined with an IR XPhase TM Phase IC provides a full featured and flexible way to implement a complete an Opteron or Athlon 64 power solution.; A IR3082M with Tape and Reel Packaging 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRLL024Z with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2705 with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-262 Package; Similar to IRF2807ZL with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3805S with Lead Free Packaging x8/x16 Flash EEPROM x8/x16闪存EEPROM XPHASE VRD10 Control IC with VccVid and Overtemp Detect; Similar to IR3080M with Lead Free Packaging on Tape and Reel x8/x16闪存EEPROM XPHASE IC with Fault and Overtemp Detect; Same as the IR3088AM with Tape and Reel Packaging. x8/x16闪存EEPROM 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 70 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 70 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 150 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 150 ns, PDSO44
|
Linear Technology, Corp. ATM Electronic, Corp. Integrated Device Technology, Inc. Advanced Micro Devices, Inc.
|
IRFB7437 |
40V Single N-Channel HEXFET Power MOSFET in a Lead Free TO-220AB package
|
International Rectifier
|
IRHLF740Z4 IRHLF770Z4 IRHLF780Z4 IRHLF730Z4 IRHLF6 |
RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39) 抗辐射逻辑电平功率MOSFET通孔(到39 From old datasheet system 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-39 package 60V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-39 package 60V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-39 package
|
International Rectifier, Corp. IRF[International Rectifier]
|